Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download MIW3047 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIW3000 Series
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Key Features
Efficiency up to 86% 1500VDC Isolation MTBF > 1,000,000 Hours 2:1 Wide Input Range UL1950 Safety Approval Complies with EN55022 Class A Temperature Performance -40] to +71] Industry Standard Pinout UL 94V-0 Package Material Internal SMD Construction
Minmax's MIW3000-Series Power modules are low-profile dc-dc converters that operate over input voltage ranges of 4.5-7VDC, 9-18VDC, 18-36VDC and 36-75VDC which provide precisely regulated output voltages of 3.3V, 5V, 12V, 15V, {5V, {12V and {15VDC. The -40] to +71] operating temperature range makes it ideal for data communication equipments, mobile battery driven equipments, distributed power systems, telecommunication equipments, mixed analog/digital subsystems, process/machine control equipments, computer peripheral systems and industrial robot systems. The modules have a maximum power rating of 6W and a typical full-load efficiency of 86%, continuous short circuit, 50mA output ripple, EN55022 Class A conducted noise compliance minimize design-in time, cost and eliminate the need for external filtering.
I/O Isolation
High Power Density
More Power
1500 VDC
EMI
EN55022
2:1
Wide Range
Block Diagram
Single Output Dual Output
+Vin
LC Filter
+Vo
+Vin
LC Filter
+Vo Com.
-Vo PFM Isolation Ref.Amp PFM Isolation Ref.Amp
-Vo
-Vin
-Vin
1
MINMAX
REV:0 2005/04
MIW3000 Series
Model Selection Guide
Model Number Input Voltage VDC MIW3011 MIW3012 MIW3013 MIW3014 MIW3015 MIW3016 MIW3017 MIW3021 MIW3022 MIW3023 MIW3024 MIW3025 MIW3026 MIW3027 MIW3031 MIW3032 MIW3033 MIW3034 MIW3035 MIW3036 MIW3037 MIW3041 MIW3042 MIW3043 MIW3044 MIW3045 MIW3046 MIW3047 Parameter 5VDC Input Models 12VDC Input Models Input Surge Voltage ( 1000 mS ) 24VDC Input Models 48VDC Input Models Lead Temperature (1.5mm from case for 10 Sec.) Internal Power Dissipation 48 ( 36 ~ 75 ) 24 ( 18 ~ 36 ) 12 ( 9 ~ 18 ) Output Voltage VDC 3.3 5 12 15 {5 {12 {15 3.3 5 12 15 {5 {12 {15 3.3 5 12 15 {5 {12 {15 3.3 5 12 15 {5 {12 {15 Output Current Max. mA 1200 1000 500 400 {500 {250 {200 1200 1000 500 400 {500 {250 {200 1200 1000 500 400 {500 {250 {200 1200 1000 500 400 {500 {250 {200 Min. -0.7 -0.7 -0.7 -0.7 ----Max. 10 25 50 100 260 2,500 Min. mA 60 50 25 20 {25 {12.5 {10 60 50 25 20 {25 {12.5 {10 60 50 25 20 {25 {12.5 {10 60 50 25 20 {25 {12.5 {10 Unit VDC VDC VDC VDC ] mW Input Current @Max. Load mA (Typ.) 1056 1265 1463 1463 1265 1463 1463 429 514 595 595 514 595 595 209 251 291 291 251 291 291 104 126 145 145 126 145 145 3 10 5 15 20 25 @No Load mA (Typ.) Reflected Ripple Current mA (Typ.) Efficiency @Max. Load % (Typ.) 75 79 82 82 79 82 82 77 81 84 84 81 84 84 79 83 86 86 83 86 86 79 83 86 86 83 86 86
5 (4.5 ~ 7 )
70
100
Absolute Maximum Ratings
Notes :
1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted. 2. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%. 3. Ripple & Noise measurement bandwidth is 0-20 MHz. 4. These power converters require a minimum output loading to maintain specified regulation. 5. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 6. All DC/DC converters should be externally fused at the front end for protection. 7. Other input and output voltage may be available, please contact factory. 8. Specifications subject to change without notice.
Exceeding the absolute maximum ratings of the unit could cause damage. These are not continuous operating ratings.
Environmental Specifications
Parameter Operating Temperature Operating Temperature Storage Temperature Humidity Cooling Conducted EMI Conditions Ambient Case Min. Max. -40 +71 -40 +90 -40 +125 --95 Free-Air Convection EN55022 Class A Unit ] ] ] %
REV:0 2005/04
MINMAX
2
MIW3000 Series
Input Specifications
Parameter Start Voltage Model 5V Input Models 12V Input Models 24V Input Models 48V Input Models Under Voltage Shutdown 5V Input Models 12V Input Models 24V Input Models 48V Input Models Reverse Polarity Input Current Short Circuit Input Power Input Filter All Models Min. 3 4.5 8 16 ------------Typ. 3.5 6 12 24 ----------1000 Pi Filter Max. 4.4 8 16 32 4 8 16 32 1 3000 A mW VDC Unit
Output Specifications
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20MHz) Ripple & Noise (20MHz) Ripple & Noise (20MHz) Over Power Protection Transient Recovery Time Transient Response Deviation Temperature Coefficient Output Short Circuit 25% Load Step Change Over Line, Load & Temp. Dual Output, Balanced Loads Vin=Min. to Max. Io=20% to 100% Conditions Min. --------------120 ------Continuous Typ. {0.5 {0.5 {0.1 {0.3 50 ------150 {2 {0.01 Max. {1.0 {2.0 {0.3 {1.0 75 100 15 --300 {6 {0.02 Unit % % % % mV P-P mV P-P mV rms % uS % %/]
General Specifications
Parameter Isolation Voltage Rated Isolation Voltage Test Isolation Resistance Isolation Capacitance Switching Frequency MTBF MIL-HDBK-217F @ 25], Ground Benign Conditions 60 Seconds Flash Tested for 1 Second 500VDC 100KHz,1V Min. 1500 1650 1000 ----1,000 Typ. ------380 300 --Max. ------500 ----Unit VDC VDC M[ pF KHz K Hours
Capacitive Load
Models by Vout Maximum Capacitive Load # For each output 3.3V 6800 5V 6800 12V 6800 15V 6800 {5V # 1000 {12V # 1000 {15V # 1000 Unit uF
3
MINMAX
REV:0 2005/04
MIW3000 Series
Input Fuse Selection Guide
5V Input Models 3000mA Slow - Blow Type 12V Input Models 1500mA Slow - Blow Type 24V Input Models 700mA Slow - Blow Type 48V Input Models 350mA Slow - Blow Type
Input Voltage Transient Rating
150 140 130 120 110 100 Vin ( VDC ) 90 80 70 60 50 40 30 20 10 0 10uS 100uS 1mS 10mS 100mS 5VDC Input Models 12VDC Input Models 24VDC Input Models 48VDC Input Models
REV:0 2005/04
MINMAX
4
MIW3000 Series
100 90 Efficiency (%) 80 70 60 50 Efficiency (%) Low Nom Input Voltage (V) High
100 90 80 70 60 50
Low
Nom Input Voltage (V)
High
Efficiency vs Input Voltage ( Single Output )
Efficiency vs Input Voltage ( Dual Output )
90 80 Efficiency (%) Efficiency (%) 10 20 40 60 80 70 60 50 40 30 20 100
90 80 70 60 50 40 30 20 10 20 40 60 80 100
Load Current (%)
Load Current (%)
Efficiency vs Output Load ( Single Output )
Efficiency vs Output Load ( Dual Output )
100 80 Output Power (%) 100LFM Natural convection 400LFM
200LFM
60
40
20 0 -40
50 60 70 80 ] 90 100 110
Ambient Temperature
Derating Curve
5
MINMAX
REV:0 2005/04
MIW3000 Series
Test Configurations
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0[ at 100 KHz) to simulate source impedance. Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
To Oscilloscope + Battery + Lin Current Probe +Vin +Out Load
Overcurrent Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current limiting for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit operates normally once the output current is brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0[ at 100 KHz) capacitor of a 10uF for the 5V input devices, a 3.3uF for the 12V input devices and a 2.2uF for the 24V and 48V devices.
+ DC Power Source + Cin -Vin -Out +Vin DC / DC Converter +Out Load
DC / DC Converter -Vin -Out
Cin
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47uF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load between 50 mm and 75 mm from the DC/DC Converter.
+Vin Single Output DC / DC Converter -Vin -Out +Out Copper Strip Cout Scope Resistive Load
-
Output Ripple Reduction
+Vin Dual Output DC / DC Converter -Vin +Out Com. Cout -Out
+ +Vin Single Output DC / DC Converter -Vin -Out +Out
Copper Strip Cout Scope Resistive Load Scope
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is recommended to use 3.3uF capacitors at the output.
Design & Feature Considerations
Maximum Capacitive Load
The MIW3000 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we recommend 1000uF maximum capacitive load for dual outputs and 6800uF capacitive load for single outputs. The maximum capacitance can be found in the data sheet.
DC Power Source -
Cout
Load
+ DC Power Source -
+Vin
+Out Dual Output DC / DC Com. Converter Cout Load
-Vin
-Out
REV:0 2005/04
MINMAX
6
MIW3000 Series
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 90C. The derating curves are determined from measurements obtained in an experimental apparatus.
Position of air velocity probe and thermocouple 15mm / 0.6in
50mm / 2in
Air Flow
DUT
7
MINMAX
REV:0 2005/04
MIW3000 Series
Mechanical Dimensions
Top View ( 2.54 mm / 0.1 inch grids )
Connecting Pin Patterns
Single Output
31.8 [1.25]
Side
2.54 [0.100]
4.5 [0.18]
2.5 [0.10]
0.50 [0.020]
10.2 [0.40]
4.1 [0.16]
Dual Output
20.3 [0.80]
Bottom 23 22 16 14
Tolerance
Millimeters X.X{0.25 X.XX{0.13 {0.05
Inches X.XX{0.01 X.XXX{0.005 {0.002
Pin
Pin Connections
Pin 2 3 9 11 14 16 22 23 Single Output -Vin -Vin No Pin NC +Vout -Vout +Vin +Vin NC: No Connection Dual Output -Vin -Vin Common -Vout +Vout Common +Vin +Vin
15.22 [0.600]
23
9
11
Physical Characteristics
31.8*20.3*10.2 mm 1.25*0.80*0.40 inches
Case Size
:
Case Material Weight Flammability
: Metal With Non-Conductive Baseplate : 16.9g : UL94V-0
The MIW3000 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical characteristics over a wide temperature range or in high humidity environments. The encapsulant and unit case are both rated to UL 94V-0 flammability specifications. Leads are tin plated for improved solderability.
REV:0 2005/04
MINMAX
8


▲Up To Search▲   

 
Price & Availability of MIW3047

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X